Part Number Hot Search : 
24D300 KTC319 SM350A CZRA1140 SR2030 KTC319 P4N100 TS79M15
Product Description
Full Text Search
 

To Download IRFS23N20DPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95536
SMPS MOSFET
IRFB23N20DPbF IRFS23N20DPBF IRFSL23N20DPbF
HEXFET(R) Power MOSFET
Applications High frequency DC-DC converters l Lead-Free
l
VDSS
200V
RDS(on) max
0.10
ID
24A
Benefits l Low Gate-to-Drain Charge to Reduce Switching Losses l Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001) l Fully Characterized Avalanche Voltage and Current
TO-220AB IRFB23N20D
D2Pak IRFS23N20D
TO-262 IRFSL23N20D
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torqe, 6-32 or M3 screw
Max.
24 17 96 3.8 170 1.1 30 3.3 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V V/ns C
Typical SMPS Topologies
l
Telecom 48V input Forward Converter
through are on page 11
Notes
www.irf.com
1
7/20/04
IRFB/IRFS/IRFSL23N20DPbF
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 200 --- --- 3.0 --- --- --- --- Min. 13 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 0.26 --- --- --- --- --- --- Typ. --- 57 14 27 14 32 26 16 1960 300 65 2200 120 220 Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, I D = 1mA 0.10 VGS = 10V, ID = 14A 5.5 V VDS = VGS, ID = 250A 25 VDS = 200V, VGS = 0V A 250 VDS = 160V, VGS = 0V, TJ = 150C 100 VGS = 30V nA -100 VGS = -30V Max. Units Conditions --- S VDS = 50V, ID = 14A 86 ID = 14A 21 nC VDS = 160V 40 VGS = 10V, --- VDD = 100V --- ID = 14A ns --- R G = 4.6 --- VGS = 10V --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 160V, = 1.0MHz --- VGS = 0V, VDS = 0V to 160V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff.
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
250 14 17
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RCS RJA RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient
Typ.
--- 0.50 --- ---
Max.
0.90 --- 62 40
Units
C/W
Diode Characteristics
IS
ISM
VSD trr Q rr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
2
Conditions D MOSFET symbol 24 --- --- showing the A G integral reverse --- --- 96 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 14A, VGS = 0V --- 200 300 ns TJ = 25C, IF = 14A --- 1300 1940 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
www.irf.com
IRFB/IRFS/IRFSL23N20DPbF
100
VGS 15V 12V 10V 8.0V 7.0V 6.0V 5.5V BOTTOM 5.0V TOP
100
I D , Drain-to-Source Current (A)
10
I D , Drain-to-Source Current (A)
VGS 15V 12V 10V 8.0V 7.0V 6.0V 5.5V BOTTOM 5.0V TOP
1
10
5.0V
0.1
5.0V
0.01 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
3.5
TJ = 175 C
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 24A
I D , Drain-to-Source Current (A)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -60 -40 -20 0
10
TJ = 25 C
1
0.1 5.0
V DS = 50V 20s PULSE WIDTH 6.0 7.0 8.0 9.0 10.0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFB/IRFS/IRFSL23N20DPbF
100000
20
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
ID = 14A VDS = 160V VDS = 100V VDS = 40V
16
10000
C, Capacitance (pF)
Ciss
1000
12
Coss
100
8
Crss
4
10 1 10 100 1000
0
FOR TEST CIRCUIT SEE FIGURE 13
0 20 40 60 80 100
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
I D , Drain Current (A)
TJ = 175 C
100 10us
TJ = 25 C
1
100us 10 1ms
0.1 0.2
V GS = 0 V
0.5 0.8 1.1 1.4
1
TC = 25 C TJ = 175 C Single Pulse
1 10 100
10ms 1000
VSD ,Source-to-Drain Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFB/IRFS/IRFSL23N20DPbF
25
V DS VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
RD
20
D.U.T.
+
ID , Drain Current (A)
-VDD
15
10
Fig 10a. Switching Time Test Circuit
5
VDS 90%
0
25
50
TC , Case Temperature ( C)
75
100
125
150
175
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.10 0.05 0.02 0.01 PDM t1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1 t2
0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFB/IRFS/IRFSL23N20DPbF
EAS , Single Pulse Avalanche Energy (mJ)
15V
600
TOP
500
VDS
L
DRIVER
BOTTOM
ID 5.9A 10A 14A
400
RG
20V
D.U.T
IAS tp
+ V - DD
A
300
0.01
Fig 12a. Unclamped Inductive Test Circuit
200
100
V(BR)DSS tp
0
25
50
75
100
125
150
175
Starting TJ , Junction Temperature ( C)
I AS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
QG
50K 12V .2F .3F
10 V
QGS
QGD
VGS
3mA
D.U.T.
+ V - DS
VG
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFB/IRFS/IRFSL23N20DPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRFB/IRFS/IRFSL23N20DPbF
TO-220AB Package Outline
10.54 (.415) 10.29 (.405) 3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240)
Dimensions are shown in millimeters (inches)
-B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
2.87 (.113) 2.62 (.103)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
LEAD ASSIGNMENTS IGBTs, CoPACK 1 - GATE 21- GATE DRAIN 1- GATE 32- DRAINSOURCE 2- COLLECTOR 3- SOURCE 3- EMITTER 4 - DRAIN
LEAD ASSIGNMENTS
HEXFET
14.09 (.555) 13.47 (.530)
4- DRAIN
4.06 (.160) 3.55 (.140)
4- COLLECTOR
3X 3X 1.40 (.055) 1.15 (.045)
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.54 (.100) 2X NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
2.92 (.115) 2.64 (.104)
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
E XAMPL E : T HIS IS AN IR F 1010 L OT CODE 1789 AS S E MB L E D ON WW 19, 1997 IN T H E AS S E MB L Y L INE "C" INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE PAR T NU MB E R
Note: "P" in assembly line position indicates "Lead-Free"
DAT E CODE YE AR 7 = 1997 WE E K 19 L INE C
8
www.irf.com
IRFB/IRFS/IRFSL23N20DPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information (Lead-Free)
T H IS IS AN IR F 5 3 0 S W IT H L O T CO D E 8 0 2 4 AS S E M B L E D O N W W 0 2 , 2 0 0 0 IN T H E AS S E M B L Y L IN E "L " N ote: "P " in as s em bly lin e po s i tion in dicates "L ead-F r ee" IN T E R N AT IO N AL R E CT IF IE R L O GO AS S E M B L Y L O T CO D E P AR T N U M B E R F 53 0 S D AT E CO D E Y E AR 0 = 2 0 0 0 W E E K 02 L IN E L
OR
IN T E R N AT IO N AL R E C T IF IE R L OG O AS S E M B L Y L OT CO D E P AR T N U M B E R F 530 S D AT E C O D E P = D E S IGN AT E S L E AD -F R E E P R O D U C T (O P T IO N AL ) Y E AR 0 = 2 0 0 0 WE E K 02 A = AS S E M B L Y S IT E C O D E
www.irf.com
9
IRFB/IRFS/IRFSL23N20DPbF
TO-262 Package Outline
TO-262 Part Marking Information
E X AMP L E : T H IS IS AN IR L 3 1 03 L L OT COD E 17 8 9 AS S E M B L E D ON WW 19 , 1 9 97 IN T H E AS S E MB L Y L IN E "C" N ote: "P " in as s em bly line pos ition indicates "L ead-F ree" IN T E R N AT ION AL R E CT IF I E R L OGO AS S E M B L Y L OT COD E P AR T N U MB E R
D AT E COD E Y E AR 7 = 1 9 97 WE E K 19 L IN E C
OR
IN T E R N AT ION AL R E CT IF I E R L OGO AS S E M B L Y L OT COD E P AR T N U MB E R D AT E COD E P = D E S I GN AT E S L E AD -F R E E P R OD U CT (OP T ION AL ) Y E AR 7 = 1 9 9 7 WE E K 19 A = AS S E MB L Y S IT E COD E
10
www.irf.com
IRFB/IRFS/IRFSL23N20DPbF
D2Pak Tape & Reel Infomation
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
Starting TJ = 25C, L = 2.6mH
RG = 25, IAS = 14A. TJ 175C
ISD 14A, di/dt 130A/s, VDD V(BR)DSS,
This is only applied to TO-220AB package
This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice.
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/04
11


▲Up To Search▲   

 
Price & Availability of IRFS23N20DPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X